Part Number Hot Search : 
V18ZS2 RFP450 TS1004 S1503 TEF6730 R20100 DA221M JS5208
Product Description
Full Text Search
 

To Download 2SP1000M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   specifications  dimensions (unit : mm) t 1 please reduce 0.25v per 1 c from over 85 c for 25v products. t 2 in case of some problems for measured values, measure after applying rated voltage for 2 to 20v products o r temperature derating voltage y for 25v products for 30 minutes at 105 c . t 3 c', e', f', c, d size : 1,000h. e, f, f 0 , g size : 2,000h. (2v, 25v, 4sp1000m, 2r5sp1200m : 1,000h)  size list f 10 18 22 33 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 6.8 c' c e' f',d e f c' c e' d f' e f c' c e' f',d e f c' c e' f',d e f f rv (sv) 2.5 (3.3) f f 0 2 (2.6) c' c e' d f' e f f f 0 g 4 (5.2) 6.3 (8.2) 10 (11.5) 16 (18.4) 20 (23.0) c' c d e f 25 (25.0) 40 rv : rated voltage (sv) : surge (room temperature) t for the minimum packing quantity, please refer to page 53. 4 . specifications for each series the characteristics of sp series are large capacitance (about 2 times of previous value) and low esr (about half of previous value). it is optimum to use around mpu of computer equipment. also, suitable for audio because ofc is used as the lead wires. sleeve color : purple marking : polarity( ), rated voltage, rated capacitance (white) sanyo, os-con , lot.no., series name upper category temp.(105 c) 4qfdjgjdbujpotgps fbditfsjft size code c' d  0.5max. lmax. f d ? 0.05 gmax. kmax. 6.3 8.0 10.0 6.3 6.3 8.0 10.0 10.0 12.5 6.0 6.0 6.0 7.8 10.8 11.5 11.5 21.0 23.0 2.5 0.5 3.5 0.5 5.0 0.5 2.5 0.5 2.5 0.5 3.5 0.5 5.0 0.5 5.0 0.5 5.0 1.0 0.60 0.60 0.60 0.60 0.60 0.60 0.60 0.80 0.80 0.5 0.8 0.8 0.5 0.5 0.8 0.8 0.8 0.8 0.5 0.8 0.8 0.5 0.5 0.8 0.8 0.8 0.8 e' f' c d e f f 0 g  f g a' c k a b b' standards of terminal lead position sleeve l 15min. 4min. 19min. d f mark ; ideal terminal lead position c; the middle point of a-a' sp series large capacitance, low esr optimum for audio etc. -55 c to +105 c m : 20% less than or equal to the value of table12 less than or equal to the value of table12 less than or equal to the value of table12 -55 c +105 c ? c/c tan leakage current ? c/c tan leakage current ? c/c tan leakage current z / z 20 c z / z 20 c 0.75 to 1.25 0.75 to 1.25 within 20% 1.5 times or less than an initial standard below an initial standard within 20% 2 times or less than an initial standard below an initial standard within 5% 1.5 times or less than an initial standard below an initial standard (after voltage processing) items characteristics endurance damp heat (steady state) resistance to soldering heat characteristics of impedance ratio at high temp. and low temp. conditions category temperature range tolerance on rated capacitance tangent of loss angle leakage current esr 120hz 120hz 105 c, 1,000 to 2,000h rated voltage applied (25v 20v applied) t 1 60 c, 90 to 95%rh 1,000h, no-applied voltage flow method (260 5 c x 10s) t 2 t 3 based the value at 100khz | +20 c after 2 minutes
 table12 sp series characteristics list t 1 tolerance on rated capacitance : m 20% t 2 after 2 minutes t 3 100khz, +45 c t 4 d size is sps series. e' d c e f f 0 g f' c' 25sp6r8m 20sp22m 16sp33m 10sp56m 6sp68m 4sp100m 20sp47m 16sp68m 10sp100m 6sp150m 4sp220m 20sp68m 16sp100m 10sp180m 6sp220m 4sp330m 25sp10m 20sp33m 16sp47m 10sp82m 6sp120m 4sp150m 25sps18m 20sps68m 16sps100m 10sps150m 6sps220m 4sps270m 25sp33m 20sp120m 16sp180m 10sp270m 6sp390m 4sp560m 25sp56m 20sp180m 16sp270m 10sp470m 6sp680m 4sp820m 4sp1000m 2r5sp1200m 2SP1000M 4sp1500m 2sp1800m 4sp2200m 25 20 16 10 6.3 4 20 16 10 6.3 4 20 16 10 6.3 4 25 20 16 10 6.3 4 25 20 16 10 6.3 4 25 20 16 10 6.3 4 25 20 16 10 6.3 4 4 2.5 2 4 2 4 22 33 56 68 100 47 68 100 150 220 68 100 180 220 330 10 33 47 82 120 150 18 68 100 150 220 270 33 120 180 270 390 560 56 180 270 470 680 820 1000 1200 1000 1500 1800 2200 60 50 50 45 40 40 36 34 32 30 28 34 32 29 28 24 55 45 45 40 35 35 40 30 25 25 20 20 30 24 20 18 16 14 25 20 18 15 13 12 12 12 11 8 8 9 1510 1580 1580 1710 1850 1850 2210 2280 2350 2420 2510 2800 2890 2990 3100 3230 1560 1710 1710 1850 1930 1930 2230 2580 2820 2820 3160 3160 2780 3110 3410 3600 3810 4080 3260 4280 4400 4510 4840 5040 5040 5040 5260 6500 6500 7100 0.06 0.06 0.06 0.06 0.06 0.06 0.07 0.07 0.07 0.07 0.07 0.07 0.07 0.07 0.07 0.07 0.07 0.07 0.07 0.07 0.07 0.07 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.10 0.10 0.12 17.00 44.00 52.80 56.00 42.84 40.00 94.00 108.80 100.00 94.50 88.00 136.00 160.00 180.00 138.60 132.00 25.00 66.00 75.20 82.00 75.60 60.00 45.00 136.00 160.00 150.00 138.60 108.00 82.50 240.00 288.00 270.00 245.70 224.00 140.00 360.00 432.00 470.00 428.40 328.00 400.00 450.00 400.00 600.00 720.00 880.00 6.8 t 41 temperature coefficient for allowable ripple current 4 . specifications for each series size code part number t 1 rated voltage (v) rated capacitance ( f) esr 100khz to 300khz (m ? ) (max.) allowable ripple current (marms) t 3 tangent of loss angle (max.) leakage current ( a) (max.) t 2 4qfdjgjdbujpotgps fbditfsjft ambient temp. coefficient tx ? 45 c 1 45 c ? tx ? 65 c 0.85 65 c ? tx ? 85 c 0.7 85 c ? tx ? 95 c 0.4 95 c ? tx ? 105 c 0.25 frequency coefficient for allowable ripple current 120hz ? f ? 1khz 0.05 1khz ? f ? 10khz 0.2 10khz ? f ? 100khz 0.5 100khz ? f ? 500khz 1 frequency coefficient


▲Up To Search▲   

 
Price & Availability of 2SP1000M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X